|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
NTE1116 Integrated Circuit Audio Power Amplifier, 5W Description: The NTE1116 is a monolithic integrated circuit designed for use as a low frequency class B amplifier. The external cooling tabs enable 2.5 watts of output power to be achieved without the use of an external heat sink and 5 watts of output power using a small area of the P.C. board copper as a heat sink. Absolute Maximum Ratings: Supply Voltage, VS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30V Output Peak Current (Non-Repetitive), IO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2A Output Current (Repetitive), IO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.5A Power Dissipation, Ptot TA = +70C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1W Ttab = +100C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5W Operating Junction Temperature Range, TJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40 to +150C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40 to +150C Thermal Resistance, Junction-to-Tab, RthJ-TAB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12C/W Thermal Resistance, Junction-to-Ambient (Note 1), RthJA . . . . . . . . . . . . . . . . . . . . . . . . . . . 70C/W Note 1. Obtained with tabs soldered to printed circuit with minimized copper area. Elecrtrical Characteristics: (TA = +25C, VS = 24V, RL = 16 unless otherwise specified) Parameter Quiescent Output Voltage (Pin12) Quiescent Drain Current Input Bias Current (Pin8) Output Power Input Saturation Voltage Input Sensitivity Input Resistance (Pin8) Frequency Response (-3dB) Total Harmonic Distortion Voltage Gain (Open Loop) Voltage Gain (Closed Loop) Symbol VO Id Ib PO Vi(rms) Vi Ri B THD GV GV PO = 5W, f = 1kHz f = 1kHz C3 = 330pF PO = 50mW to 2.5W, f = 1kHz f = 1kHz f = 1kHz THD = 10%, f = 1kHz Test Conditions Min 11 - - 4.4 220 - - Typ 12 9 1 5.0 - 80 5 Max Unit 13 20 5 - - - - V mA A W mV mV M Hz % dB dB 40 to 20,000 - - 39 0.5 80 42 - - 45 Elecrtrical Characteristics (Cont'd): (TA = +25C, VS = 24V, RL = 16 unless otherwise specified) Parameter Input Noise Voltage Input Noise Current Efficiency Supply Voltage Rejection Symbol eN iN SVR PO = 5W, f = 1kHz fripple = 100Hz, C5 = 25F fripple = 100Hz, C5 = 100F Drain Current Id PO = 5W Pin Connection Diagram Test Conditions B = 22Hz to 22kHz Min - - - - - - Typ 5 0.2 75 35 38 280 Max Unit - - - - - - V nA % dB dB mA VCC 1 N.C. 2 VCC 3 Tab 12 Output 11 N.C. 10 GND Tab Bootstrap 4 Compensation 5 Feedback 6 9 Substrate GND 8 Input 7 Ripple Rejection .247 (6.27) 12 7 .677 (17.2) 1 6 .770 (19.5) Max .260 (6.6) .233 (5.9) Max .100 (2.54) .700 (17.78) .099 (2.5) Min |
Price & Availability of NTE1116 |